Part Number Hot Search : 
Z1000 Z1000 SPRC201A IRF840 SC5100 PE91032 ER806 A3150
Product Description
Full Text Search
 

To Download MB352 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER MB3505 THRU MB3510 KBPC35005 THRU KBPC3510
FEATURES l Low cost l This series is UL recognized under component index, file number E127707 l High forward surge current capability l Ideal for printed circuit board l High isolation voltage from case to leads l High temperature soldering guaranteed: 260 oC/10 second, at 5 lbs. (2.3kg) tension. MECHANICAL DATA l Case: Molded plastic body l Terminal: Plated 0.25" (6.35mm) lug. l Polarity: Polarity symbols marked on case l Mounting: Thru hole for #10 screw, 20 in.-lbs torque max. l Weight:1.02 ounce, 29 grams
VOLTAGE RANGE CURRENT 50 to 1000 Volts 35 Amperes
MB-35
1.14( 28.9) 1.12( 28.4) 0.666( 16.9) 0.626( 15.9)
+ AC
1.14( 28.9) 0.728( 18.5) 1.12( 28.4) 0.688( 17.5)
AC
0.666( 16.9) 0.626( 15.9)
0.570( 14.5) 0.530( 13.5) 0.205( 5.2) DIA 0.197( 5.0)
EXOPY CASE
0.46( 11.7) 0.41( 10.5) 0.472( 12.0) 0.374( 9.5) 0.033( 0.84) 0.028( 0.71) 0.252( 6.4) 0.248( 6.3) 0.252( 6.4) 0.248( 6.3)
0
( .0 9
2.3
IA )D
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%.
SYMBOLS KBPC35005 KBPC3501 KBPC3502 KBPC3504 KBPC3506 Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current, at TC=50(Note1,2) Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing(t<8.3ms) Maximum Instantaneous Forward Voltage at 17.5A TA=25 Maximum DC Reverse Current at rated DC blocking voltage TA=125 Isolation Voltage from case to lugs Typical Thermal Resistance (Note 1,2) Operating Temperature Range Storage Temperature Range VRRM VRMS VDC I(AV) IFSM I2 T VF IR VISO RJC TJ TSTG 50 35 50 100 70 100 200 140 200 400 280 400 35 400 664 1.1 10 1.0 2500 2.0 -55 to +150 -55 to +150 600 420 600
MB3505 MB351 MB352 MB354 MB356 MB358 KBPC3508 MB3510 KBPC3510
UNITS Volts Volts Volts Amps Amps A2S Volts Amps mAmps VAC /W
800 560 800
1000 700 1000
NOTES: 1. Unit mounted on 9"x3.5"x4.6"(23x9x11.8mm) Al. finned plate. 2. Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw.
Web Site: WWW.PS-PFS.COM
1/2
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER MB3505 THRU MB3510 KBPC35005 THRU KBPC3510
VOLTAGE RANGE CURRENT 50 to 1000 Volts 35 Amperes
Web Site: WWW.PS-PFS.COM
2/2


▲Up To Search▲   

 
Price & Availability of MB352

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X